Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QS186EB Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce QS186EB
Description  Miniature self-contained photoelectric sensors in universal housing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

QS186EB Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QS186EB Datasheet HTML 2Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 3Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 4Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 5Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 6Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 7Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 8Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 9Page - List of Unclassifed Manufacturers QS186EB Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Diffuse (Performance is based on a 90% reflectance white test card.)
Excess Gain Curve
Beam Pattern
Excess Gain Curve
Beam Pattern
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40.0 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...D
Diffuse Mode
500 mm
20.0 in
400mm
16.0 in
300 mm
12.0 in
200 mm
8.0 in
100 mm
4.0 in
0
0
2 mm
4 mm
6 mm
2 mm
4 mm
6 mm
0
.08 in
.16 in
.24 in
.08 in
.16 in
.24 in
DISTANCE
QS18...D
Diffuse Mode
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40.0 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...DB
Diffuse Mode
500 mm
20.0 in
400mm
16.0 in
300 mm
12.0 in
200 mm
8.0 in
100 mm
4.0 in
0
0
10 mm
20 mm
30 mm
10 mm
20 mm
30 mm
0
0.4 in
0.8 in
1.2 in
0.4 in
0.8 in
1.2 in
DISTANCE
QS18...DB
Diffuse Mode
Divergent (Performance is based on a 90% reflectance white test card.)
Excess Gain Curve
Beam Pattern
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40.0 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...W
Divergent
Diffuse Mode
100 mm
4.0 in
80 mm
3.2 in
60 mm
2.4 in
40 mm
1.6 in
20 mm
0.8 in
0
0
10 mm
20 mm
30 mm
10 mm
20 mm
30 mm
0
0.4 in
0.8 in
1.2 in
0.4 in
0.8 in
1.2 in
DISTANCE
Divergent
Diffuse Mode
QS18...W
Fixed Field - 50 mm
Fixed Field - 100 mm
Excess Gain Curve
Beam Pattern
Excess Gain Curve
Beam Pattern
1
10
100
1.0 mm
0.04 in
10.0 mm
0.4 in
100 mm
4.0 in
0.1 mm
0.004 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...FF50
Fixed-Field
N/A
1
10
100
1.0 mm
0.04 in
10.0 mm
0.4 in
100 mm
4.0 in
0.1 mm
0.004 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...FF100
Fixed-Field
N/A
Opposed - Plastic Fiber
Bifurcated - Plastic Fiber (Performance is based on a 90% re-
flectance white test card.)
Excess Gain Curve
Beam Pattern
Excess Gain Curve
Beam Pattern
1
10
100
10 mm
.40 in
100 mm
4.0 in
1000 mm
40 in
1 mm
.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18..FP
QS18..FP
Opposed Mode
Plastic Fibers
PIT66U Fiber
PIT46U Fiber
250 mm
10 in
200 mm
8 in
150 mm
6 in
100 mm
4 in
50 mm
2 in
0
0
20 mm
40 mm
60 mm
20 mm
40 mm
60 mm
0
0.8 in
1.6 in
2.4 in
0.8 in
1.6 in
2.4 in
DISTANCE
QS18..FP
QS18..FP
PIT46U
PIT66U
Opposed Mode
Plastic Fibers
1
10
100
1 mm
.04 in
10 mm
.4 in
100 mm
4 in
.1 mm
.004 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Diffuse Mode
Plastic Fibers
PBT66U Fiber
PBT46U Fiber
QS18..FP
QS18..FP
100 mm
4.8 in
80 mm
3.2 in
60 mm
2.4 in
40 mm
1.6 in
20 mm
0.8 in
0
0
10 mm
20 mm
30 mm
10 mm
20 mm
30 mm
0
0.4 in
0.8 in
1.2 in
0.4 in
0.8 in
1.2 in
DISTANCE
QS18..FP
QS18..FP
PBT46U
PBT66U
Diffuse Mode
Plastic Fibers
WORLD-BEAM QS18
6
www.bannerengineering.com - tel: 763-544-3164
P/N 63908 Rev. H



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com