| Moteur de recherche de fiches techniques de composants électroniques |
|
EAEVALEDIP320B Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EAEVALEDIP320B Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 17 page ![]() EA9777-3 Page 5 ELECTRONIC ASSEMBLY reserves the right to change specifications without prior notice. Printing and typographical errors reserved. EA 9777-3USB EVALUATIONBOARD The Evaluation board provides a variety of features, starting with LEDs to indicate data-transfer, ending with potentiometers to use the analogue inputs of EA eDIPTFTs. The lands J8 are directly connected with the corresponding pin of the eDIP. If you remove the 0R- resistors the periphery is completly disconnected. Please refer to the schematic on the last page. Note: Not all functions of the Evaluation board are supported by every display of the eDIP-series. FUNCTION OF POTENTIOMETER Both potentiometers are connected to the anolgue inputs of the eDIPTFTs. They set the voltage of AIN1 and AIN2 between GND and VDD. |