Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EAEVALEDIP320B Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce EAEVALEDIP320B
Description  EVALUATION-BOARD for eDIP-series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP320B Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  EAEVALEDIP320B Datasheet HTML 1Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 2Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 3Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 4Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 5Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 6Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 7Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 8Page - List of Unclassifed Manufacturers EAEVALEDIP320B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
EA9777-3
Page 3
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
QUICK START
1.) Installation
The evaluation board is conntected to a free USB-Port of
the PC with the delivered USB-cable.
Windows detects the new hardware. Drivers for all
supported different Windowsversions are
found on the CD in the folder: d:\drivers:
After successfully installing the driver, both
green LEDs (left and right) will shine.
The EVAL-Boards of the both TFT-displays
(EA
EVALeDIPTFT57
&
EA
EVALeDIPTFT70) do need an external
power supply. The supplied AC-adaptor
has to be plugged in. Once the EVAL-
Board is powered the green LED at the
bottom right is lit.
The next step is installing the EA KIT-editor and compiler of
eDIP-Series.
The setupfile
“setup LCD-Tools Portable“ is found in the root-directory of the
CD. Please follow the instructions of the installer.
2.) First-time operation of display
Mount your eDIP on the evaluation board. Make sure that it is
mounted correctly, pin 1 is placed in the lower left corner.
3.) Compile and flash the display
Run EA KIT-Editor and choose a project. To open a project, please go to the context menu: “File-
>open“ and select a file (*.kmc). During installation of KIT-Editor some examples are installed,
please find them under: <your drive>:\LCD Tools\Data\eDIP - intelligent graphic
displays\eDIP???\How to use\. Please
make sure to use the right folder, suitable
for your module. Please choose a
subject you are interested in and open
one of the project files.
To
compile
the
project
and download
it
onto
the
module only
one additional
click
is
needed. The
farest
right
icon ‘compile’
starts
compilation
and downloads the successfully compiled project automatically to the display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17