Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECQE2104F Fiches technique(PDF) 15 Page - Panasonic Semiconductor

No de pièce ECQE2104F
Description  Metallized Polyester Film Capacitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2104F Fiches technique(HTML) 15 Page - Panasonic Semiconductor

Back Button ECQE2104F Datasheet HTML 11Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 12Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 13Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 14Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 15Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 16Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 17Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 18Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 19Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Rating
Voltage
Capacitance
Value(uF)
Code
dV/dt(V/us)
Current(o-p)
(A)
0.010
103
1.31
0.015
153
1.97
0.022
223
2.88
0.033
333
4.32
0.047
473
3.67
0.068
683
5.30
0.100
104
7.80
0.150
154
5.55
0.220
224
8.14
0.330
334
12.21
0.470
474
17.39
0.680
684
14.96
1.000
105
22.00
1.200
155
27.00
2.200
225
39.60
Permissible Voltage
Voltage Derating by Temperature
131
Permissible Current
Pulse Handling Capability (dV/dt)
(Max 10000cycles)
400VDC
78
37
22
18
0
100
200
300
400
500
-60 -40 -20
0
20
40
60
80 100 120
0
0.5
1
1.5
2
2.5
3
10
100
1000
1
10
100
10
100
1000
* Please consult Panasonic if your condition exceeds the above spec.
ECQE(F) Type 400VDC Series (Metallized Polyester Film)
Applicable Specifications
Frequency (kHz)
(at sinewave)
Frequency (kHz)
Surface Temperature of Capacitor(Degree C)
From 0.01uF to 2.2uF
2.2uF
1.0uF
0.47uF
0.22uF
0.1uF
0.047uF
0.022uF
0.01uF
0.01uF
0.022uF
0.047uF
0.1uF
0.22uF
0.47uF
1.0uF
2.2uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com