Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECQE2104F Fiches technique(PDF) 12 Page - Panasonic Semiconductor

No de pièce ECQE2104F
Description  Metallized Polyester Film Capacitor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE2104F Fiches technique(HTML) 12 Page - Panasonic Semiconductor

Back Button ECQE2104F Datasheet HTML 8Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 9Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 10Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 11Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 12Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 13Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 14Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 15Page - Panasonic Semiconductor ECQE2104F Datasheet HTML 16Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Temperature Characteristics
Frequency Characteristics
0.01
0.1
1
10
100
1000
10000
1
10
100
1000
10000
100000
0
2
4
6
8
10
1
10
100
1000
10000
-10
-5
0
5
10
1
10
100
1000
10000
1.E+06
1.E+07
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
-60
-40
-20
0
20
40
60
80
100
0
2
4
6
8
10
-60
-40
-20
0
20
40
60
80
100
-10
-5
0
5
10
-60
-40
-20
0
20
40
60
80
100
ECQE(F) Type 250VDC Series (Metallized Polyester Film)
Erectrical Characteristics <Typical Data>
at 1kHz
Temperature (Degree C)
Temperature (Degree C)
at 1kHz
at DC100V
Temperature (Degree C)
Frequency (kHz)
Frequency (kHz)
Frequency (kHz)
10uF
1.0uF
0.1uF
10uF
1.0uF
0.1uF
10uF
1.0uF
0.01uF
10uF
1.0uF
0.1uF
0.1uF
1.0uF
10uF
0.1uF
1.0uF
10uF
0.01uF
0.01uF
0.1uF
0.01uF
0.01uF
0.01uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com