Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54AT Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce BAT54AT
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54AT Fiches technique(HTML) 2 Page - Diodes Incorporated

  BAT54AT Datasheet HTML 1Page - Diodes Incorporated BAT54AT Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS30259 Rev. 3 - 2
2 of 2
BAT54T /AT /CT /ST
Ordering Information (Note 3)
Device
Packaging
Shipping
BAT54T-7
SOT-523
3000/Tape & Reel
BAT54AT-7
SOT-523
3000/Tape & Reel
BAT54CT-7
SOT-523
3000/Tape & Reel
BAT54ST-7
SOT-523
3000/Tape & Reel
Notes:
3. For Packaging Details: go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
0
100
0
25
50
75
100
125
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Power Derating Curve
200
0.1
1
1000
100
10
0
100
200
300
400
600
500
T , INSTANTANEOUS FORWARD VOLTAGE (mV)
j
Fig. 2, Typical Forward Characteristics
T = -25°C
A
T = +25°C
A
T = +125°C
A
T = +100°C
A
0.1
1
1000
100
10
0
50
100
150
T , JUNCTION TEMPERATURE (
°C)
j
Fig. 3, Typical Reverse Characteristics
V = 25V
R
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Date Code Key
XX = Product Type Marking Code (See Page 1, e.g. L1 = BAT54T)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
XXYM
Marking Information
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
N
P
R
S
T
U
V
W



Html Pages

1 2