Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54AT Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce BAT54AT
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54AT Fiches technique(HTML) 1 Page - Diodes Incorporated

  BAT54AT Datasheet HTML 1Page - Diodes Incorporated BAT54AT Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30259 Rev. 3 - 2
1 of 2
BAT54T /AT /CT /ST
BAT54T /AT /CT /ST
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
·
Case: SOT-523, Molded Plastic
·
Case material - UL Flammability Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagrams Below
·
Marking: See Diagrams Below & Page 2
·
Weight: 0.002 grams (approx.)
·
Ordering Information, see Page 2
Mechanical Data
Maximum Ratings @ TA = 25°C unless otherwise specified
·
Ultra-Small Surface Mount Package
·
Low Forward Voltage Drop
·
Fast Switching
·
PN Junction Guard Ring for Transient and
ESD Protection
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current (Note 1)
IFM
200
mA
Repetitive Peak Forward Current
IFRM
300
mA
Forward Surge Current
@ t < 1.0s
IFSM
600
mA
Power Dissipation (Note 1)
Pd
150
mW
Thermal Resistance, Junction to Ambient (Note 1)
RqJA
833
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°
C
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
A
M
J
L
D
B C
H
K
N
G
TOP VIEW
C
E
B
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
30
¾
¾
V
IR = 100mA
Forward Voltage (Note 2)
VF
¾
¾
240
320
400
500
1000
mV
IF = 0.1mA
IF =
1mA
IF =
10mA
IF =
30mA
IF = 100mA
Reverse Leakage Current (Note 2)
IR
¾
¾
2.0
m
A
VR = 25V
Total Capacitance
CT
¾
¾
10
pF
VR = 1.0V, f = 1.0MHz
Reverse Recovery Time
trr
¾
¾
5.0
ns
IF = 10mA through IR = 10mA
to IR = 1.0mA, RL = 100W
Electrical Characteristics @ TA = 25°C unless otherwise specified
BAT54T Marking: L1
BAT54AT Marking: L2
BAT54CT Marking: L3
BAT54ST Marking: L4
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
¾
¾
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
a
0°
8°
¾
All Dimensions in mm


Numéro de pièce similaire - BAT54AT

FabricantNo de pièceFiches techniqueDescription
logo
Weitron Technology
BAT54AT WEITRON-BAT54AT Datasheet
491Kb / 3P
Surface Mount Schottky Diodes
logo
Diodes Incorporated
BAT54AT DIODES-BAT54AT Datasheet
362Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30259 Rev. 8 - 2
logo
Guangdong Kexin Industr...
BAT54AT KEXIN-BAT54AT Datasheet
35Kb / 1P
Switching Diode
logo
SeCoS Halbleitertechnol...
BAT54AT SECOS-BAT54AT Datasheet
94Kb / 2P
Surface Mount Schottky Barrier Diode
logo
Galaxy Semi-Conductor H...
BAT54AT BILIN-BAT54AT Datasheet
178Kb / 3P
Surface Mount Schottky Barrier Diode
More results

Description similaire - BAT54AT

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com