Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZIOL2202 Fiches technique(PDF) 64 Page - List of Unclassifed Manufacturers

No de pièce ZIOL2202
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2202 Fiches technique(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button ZIOL2202 Datasheet HTML 60Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 61Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 62Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 63Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 64Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 65Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 66Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 67Page - List of Unclassifed Manufacturers ZIOL2202 Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
64 of 90
feature (refer to chapter 3.5). In case the line fail feature is intended to be use the PFD shall be connected to a
voltage divider as described in chapter 3.5 or illustrated in Figure 4.3.
Figure 4.2 Simplified Application Circuit with the ZIOL2xxx in Master Mode
In case of (IO-Link) device applications the IC might be powered not correctly via the L+/L- line. The circuit in
Figure 4.3 illustrates how to detect this power fail situation by using a voltage divider as “sensor”. Since the
voltage at the PFD pin is compared with an internal voltage divider resistors with low tolerace range (<= 1%) shall
be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91