| Moteur de recherche de fiches techniques de composants électroniques |
|
ZIOL2202 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZIOL2202 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 91 page ![]() ZIOL2xxx – IC Family IO-Link compliant HV Line Driver IC Family Data Sheet January 31, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 5 of 90 Figure 10.6 Configuration Checker Report of the ZIOL2xxx Application Kit (Example) .........................................87 List of Tables Table 1.1 ZIOL2xxx Product Matrix and Product Naming Convention..................................................................6 Table 2.1 Absolute Maximum Ratings ...................................................................................................................7 Table 2.2 Operating Conditions .............................................................................................................................8 Table 2.3 Electrical Characteristics .......................................................................................................................9 Table 3.1 Master-Device-Mode Function Table...................................................................................................19 Table 3.2 Driver configurations............................................................................................................................22 Table 3.3 Receiver configurations .......................................................................................................................23 Table 3.4 Sink Mode Configuration in Detail .......................................................................................................24 Table 3.5 Example for building the SHIFT Byte...................................................................................................34 Table 3.6 Valid Address and Length Combinations ............................................................................................34 Table 3.7 Register Table......................................................................................................................................37 Table 3.8 Temperature Sensor Levels ................................................................................................................54 Table 3.9 Examples for the resistors R1 and R2 using E96 resistor series ........................................................59 Table 4.1 Recommended External Components.................................................................................................67 Table 5.1 Pin Configuration and Latch-Up Conditions ........................................................................................68 Table 6.1 Availability of Pin Interconnections ......................................................................................................70 Table 6.2 Package Dimensions in mm ................................................................................................................72 Table 10.1 Abnormal Power Supply Situations .....................................................................................................89 |