| Moteur de recherche de fiches techniques de composants électroniques |
|
ZLED7010 Fiches technique(PDF) 15 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZLED7010 Fiches technique(HTML) 15 Page - List of Unclassifed Manufacturers |
|
15 / 24 page ![]() ZLED7010 40V LED Driver with Temperature Compensation Data Sheet August 12, 2010 © 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 15 of 23 3.4. Output Ripple Shunt a capacitor CLED across the LED(s) as shown in Figure 3.1 to minimize the peak-to-peak ripple current in the LED if necessary. Figure 3.1 Output Ripple Reduction Low-ESR capacitors should be used because the efficiency of CLED largely depends on its ESR and the dynamic resistance of the LED(s). For an increased number of LEDs, using the same capacitor will be more effective. Lower ripple can be achieved with higher capacitor values, but it will increase start-up delay by reducing the slope of the LED voltage. The capacitor will not affect operating frequency or efficiency. For a simulation or bench optimization, CLED values of a few μF are an applicable start point for the given configuration. |