Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZLED7010 Fiches technique(PDF) 12 Page - List of Unclassifed Manufacturers

No de pièce ZLED7010
Description  40V LED Driver with Temperature Compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7010 Fiches technique(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ZLED7010 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED7010 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ZLED7010
40V LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes
without notice.
12 of 23
2.3.4.
Microcontroller LED Control
The open-drain output of a microcontroller can control current to the LEDs by outputting a PWM control signal
to the ADJI input. See Figure 2.3 for an example circuit.
Figure 2.3
Driving ADJI Input from a Microcontroller
10k
MC
ADJI
ADJO
GND
ZLED7010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24