Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC1547JBD48 Fiches technique(PDF) 63 Page - NXP Semiconductors

No de pièce LPC1547JBD48
Description  32-bit ARM Cortex-M3 microcontroller; up to 256 kB flash and 36 kB SRAM
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1547JBD48 Fiches technique(HTML) 63 Page - NXP Semiconductors

Back Button LPC1547JBD48 Datasheet HTML 59Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 60Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 61Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 62Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 63Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 64Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 65Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 66Page - NXP Semiconductors LPC1547JBD48 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 99 page
background image
LPC15XX
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 19 February 2014
63 of 99
NXP Semiconductors
LPC15xx
32-bit ARM Cortex-M3 microcontroller
11.2 CoreMark data
Conditions: VDD = 3.3 V; active mode; all peripherals except one UART and the SCT disabled in
the SYSAHBCLKCTRL0/1 register; internal pull-up resistors enabled; BOD disabled. Measured
with Keil uVision v.4.73.0.0, C compiler v.5.03.0.76.
Fig 25. CoreMark score
Conditions: VDD = 3.3 V; Tamb = 25 C; active mode; all peripherals except one UART and the SCT
disabled in the SYSAHBCLKCTRL0/1 registers; system clock derived from the IRC; system
oscillator disabled; internal pull-up resistors enabled; BOD disabled. Measured with Keil uVision
v.4.73.0.0, C compiler v.5.03.0.76.
Fig 26. Active mode: CoreMark power consumption IDD
aaa-011746
0
12
24
36
48
60
72
2.35
2.4
2.45
2.5
2.55
2.6
2.65
system clock frequency (MHz)
CM score
CM score
CM score
efficiency
cpu
default/low current
aaa-011747
0
12
24
36
48
60
72
0
5
10
15
20
25
30
system clock frequency (MHz)
IDD
DD
IDD
(mA)
(mA)
(mA)
default
cpu
efficiency
low-current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99