| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC1547JBD48 Fiches technique(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1547JBD48 Fiches technique(HTML) 34 Page - NXP Semiconductors |
|
34 / 99 page ![]() LPC15XX All information provided in this document is subject to legal disclaimers. © NXP B.V. 2014. All rights reserved. Product data sheet Rev. 1 — 19 February 2014 34 of 99 NXP Semiconductors LPC15xx 32-bit ARM Cortex-M3 microcontroller 8.22.2 Timer controlled subsystem The timers, the analog components, and the DMA can be configured to form a subsystem that can run independently of the main processor under the control of the SCTs and any events that are generated by the A/D converters, the comparators, the SCT output themselves, or the external pins. A/D conversions can be triggered by the timer outputs, the comparator outputs or by events from external pins. Data can be transferred from the ADCs to memory using the DMA controller, and the DMA transfers can be triggered by the ADCs, the comparator outputs, or by the timer outputs. For an overview of the subsystem, see Figure 13 “Subsystem with timers, switch matrix, DMA, and analog components”. Fig 12. PWM-Analog subsystem TEMP SENSOR VDDA DIVIDER VOLTAGE REFERENCE ADC0/ADC1 ACMP0 ACMP1 ACMP2 ACMP3 SCT IPU TIMER0 MATCH/ MATCHRELOAD SCT0 OUTPUTS TIMER1 MATCH/ MATCHRELOAD SCT1 OUTPUTS TIMER2 MATCH/ MATCHRELOAD SCT2 OUTPUTS TIMER3 MATCH/ MATCHRELOAD SCT3 OUTPUTS 8 x PWM OUT 8 x PWM OUT 6 x PWM OUT 6 x PWM OUT SCT0/1/2/3 digital signal from/to pins analog signal from/to pins digital signal internal analog signal internal analog peripheral digital peripheral aaa-010873 4 |