Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB36NM60ND Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STB36NM60ND
Description  Automotive-grade N-channel 600 V, 0.097 typ., 29 A FDmesh II
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB36NM60ND Fiches technique(HTML) 3 Page - STMicroelectronics

  STB36NM60ND Datasheet HTML 1Page - STMicroelectronics STB36NM60ND Datasheet HTML 2Page - STMicroelectronics STB36NM60ND Datasheet HTML 3Page - STMicroelectronics STB36NM60ND Datasheet HTML 4Page - STMicroelectronics STB36NM60ND Datasheet HTML 5Page - STMicroelectronics STB36NM60ND Datasheet HTML 6Page - STMicroelectronics STB36NM60ND Datasheet HTML 7Page - STMicroelectronics STB36NM60ND Datasheet HTML 8Page - STMicroelectronics STB36NM60ND Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DocID023785 Rev 3
3/18
STB36NM60ND, STW36NM60ND
Electrical ratings
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
600
V
VGS
Gate- source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
29
A
ID
Drain current (continuous) at TC = 100 °C
18
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
116
A
PTOT
Total dissipation at TC = 25 °C
190
W
dv/dt(2)
2.
ISD ≤ 29 A, di/dt ≤ 600 A/µs, VDD = 80% V(BR)DSS,VDSPeak < V(BR)DSS
Peak diode recovery voltage slope
40
V/ns
Tstg
Storage temperature
- 55 to 150
°C
TJ
Max. operating junction temperature
150
Table 3. Thermal data
Symbol
Parameter
Value
Unit
D2PAK
TO-247
Rthj-case
Thermal resistance junction-case max
0.66
°C/W
Rthj-amb
Thermal resistance junction-ambient max
50
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1 inch², 2 oz Cu.
Thermal resistance junction-pcb max
30
°C/W
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-
repetitive (pulse width limited by TJ max)
7A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAR, VDD = 50 V)
110
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18