| Moteur de recherche de fiches techniques de composants électroniques |
|
CS43L43 Fiches technique(PDF) 23 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS43L43 Fiches technique(HTML) 23 Page - Cirrus Logic |
|
23 / 36 page ![]() CS43L43 DS479PP3 23 5.10.4 ATAPI CHANNEL MIXING AND MUTING (ATAPI) BIT 0-3 Default = 1001 - HP_A = L, HP_B = R (Stereo) Function: The CS43L43 implements the channel mixing functions of the ATAPI CD-ROM specification. Refer to Ta- ble 13 and Figure 9 for additional information. NOTE: All mixing functions occur prior to the digital volume control. ATAPI3 ATAPI2 ATAPI1 ATAPI0 HP_A HP_B 0 000 MUTE MUTE 0 001 MUTE R 0 010 MUTE L 0 0 1 1 MUTE [(L+R)/2] 0 100 R MUTE 0 101 R R 0 110 R L 0 111 R [(L+R)/2] 1 000 L MUTE 1 001 L R 1 010 L L 1 011 L [(L+R)/2] 1 1 0 0 [(L+R)/2] MUTE 1 101 [(L+R)/2] R 1 110 [(L+R)/2] L 1 1 1 1 [(L+R)/2] [(L+R)/2] Table 13. ATAPI Decode Σ HP_A HP_B Left Channel Audio Data Right Channel Audio Data Channel B Digital Volume Control MUTE EQ Analog Volume Control Channel A Digital Volume Control MUTE EQ Analog Volume Control Figure 9. ATAPI Block Diagram |