Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS43L43 Fiches technique(PDF) 11 Page - Cirrus Logic

No de pièce CS43L43
Description  Low Voltage,Stereo DAC With Headphone Amp
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L43 Fiches technique(HTML) 11 Page - Cirrus Logic

Back Button CS43L43 Datasheet HTML 7Page - Cirrus Logic CS43L43 Datasheet HTML 8Page - Cirrus Logic CS43L43 Datasheet HTML 9Page - Cirrus Logic CS43L43 Datasheet HTML 10Page - Cirrus Logic CS43L43 Datasheet HTML 11Page - Cirrus Logic CS43L43 Datasheet HTML 12Page - Cirrus Logic CS43L43 Datasheet HTML 13Page - Cirrus Logic CS43L43 Datasheet HTML 14Page - Cirrus Logic CS43L43 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
CS43L43
DS479PP3
11
3.6.4 Auxilliary Mute Control
For critical applications, the Popguard® Transient Control may not be sufficient in eliminating extra-
neous audible artifacts on the headphone outputs during power-up. For these applications, an option-
al external mute can be used to maintain an absolute minimum of extraneous clicks and pops. Please
see Figures 6 and 7 for the suggested headphone mute circuit.
The Mute Control will need to be generated externally from a DSP or Microcontroller. See Figure 7
for /RST and Mute Control timing.
H eadphones
T he M otorola M O SFET s show n have been
tested to w ork properly, how ever, an
equivalent device m ay be used.
M G S F1N H 02E LT
2 2 0uF
47u H
1k
16
100K
M G S F1N H 02E LT
2 2 0uF
47u H
1k
16
From C S 43L43 P in
1 4 (H P _B )
From C S 43L43 P in
1 0 (H P _A )
M ute C ontrol from uC or D S P
Figure 6. Optional Headphone Mute Circuit
~ 300 m s e c
~ 900 m s e c
H eadphone O utput at
pin of part
/R S T
M ute C ontrol from
D SP or
M icroC ontroller
Figure 7. Timing for Headphone Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36