| Moteur de recherche de fiches techniques de composants électroniques |
|
M93C66-R Fiches technique(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C66-R Fiches technique(HTML) 15 Page - STMicroelectronics |
|
15 / 33 page ![]() DocID4997 Rev 15 15/33 M93C86-x M93C76-R M93C66-x M93C56-x M93C46-x Instructions 32 5.2.3 Write All As with the Erase All Memory (ERAL) instruction, the format of the Write All Memory with same Data (WRAL) instruction requires that a dummy address be provided. As with the Write Data to Memory (WRITE) instruction, the format of the Write All Memory with same Data (WRAL) instruction requires that an 8-bit data byte, or 16-bit data word, be provided. This value is written to all the addresses of the memory device. The completion of the cycle can be detected by monitoring the READY/BUSY line, as described next. Figure 6. WRAL sequence 1. For the meanings of Xn and Dn, please see Table 4, Table 5 and Table 6. AI00880C S WRITE ALL DATA IN D Q ADDR OP CODE Dn D0 BUSY READY CHECK STATUS 1 0 0 0 1 Xn X0 |