| Moteur de recherche de fiches techniques de composants électroniques |
|
M93C66-R Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M93C66-R Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 33 page ![]() Memory organization M93C86-x M93C76-R M93C66-x M93C56-x M93C46-x 10/33 DocID4997 Rev 15 4 Memory organization The M93Cx6 memory is organized either as bytes (x8) or as words (x16). If Organization Select (ORG) is left unconnected (or connected to VCC) the x16 organization is selected; when Organization Select (ORG) is connected to Ground (VSS) the x8 organization is selected. When the M93Cx6 is in Standby mode, Organization Select (ORG) should be set either to VSS or VCC to reach the device minimum power consumption (as any voltage between VSS and VCC applied to ORG input may increase the device Standby current). Figure 4. M93Cx6 ORG input connection MSv31690V1 Vcc ORG Vss Vcc ORG Vss Vcc ORG Vss Not connected x16 organization x16 organization x8 organization |