| Moteur de recherche de fiches techniques de composants électroniques |
|
13003ADGL-T92-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
13003ADGL-T92-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD 13003ADG Preliminary NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 5 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R223-023.b NPN SILICON POWER TRANSISTOR DESCRIPTION These devices are designed for high-voltage, high-speed power switching inductive circuits where fall time is critical. They are particularly suited for 115 and 220V applications in switch mode. FEATURES * Reverse biased SOA with inductive load @ TC=100°C * Inductive switching matrix 0.5 ~ 1.5 Amp, 25 and 100°C Typical tC = 290ns @ 1A, 100°C. * 700V blocking capability APPLICATIONS * Switching regulator’s, inverters * Motor controls * Solenoid/relay drivers * Deflection circuits EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 13003ADGL-TM3-T 13003ADGP-TM3-T TO-251 B C E Tube 13003ADGL-T60-K 13003ADGP-T60-K TO-126 B C E Bulk 13003ADGL-T92-B 13003ADGP-T92-B TO-92 B C E Tape Box 13003ADGL-T92-K 13003ADGP-T92-K TO-92 B C E Bulk 13003ADGL-T92-R 13003ADGP-T92-R TO-92 B C E Tape Reel Note: Pin Assignment: B: Base C: Collector E: Emitter (1) T: Tube, B: Bluk, K: Bulk, R: Tape Reel (2) TM3: TO-251, T60: TO-126, T92: TO-92 (3) L: Lead Free, P: Halogen Free 13003ADGL-TM3-T (1)Packing Type (2)Package Type (3)Lead Free |
Numéro de pièce similaire - 13003ADGL-T92-R |
|
Description similaire - 13003ADGL-T92-R |