| Moteur de recherche de fiches techniques de composants électroniques |
|
13003ADGL-T92-R Fiches technique(PDF) 4 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
13003ADGL-T92-R Fiches technique(HTML) 4 Page - Unisonic Technologies |
|
4 / 5 page ![]() 13003ADG Preliminary NPN SILICON TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 4 of 5 www.unisonic.com.tw QW-R223-023.b ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified.) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT OFF CHARACTERISTICS (Note) Collector-Emitter Sustaining Voltage VCEO(SUS) IC=10mA , IB=0 400 V Collector Cutoff Current TC=25°C ICEO VCEO=Rated Value, VBE(OFF)=1.5 V 1 mA TC=100°C 5 Emitter Cutoff Current IEBO VEB=9V, IC=0 1 mA SECOND BREAKDOWN Second Breakdown Collector Current with bass forward biased Is/b See Fig.5 Clamped Inductive SOA with base reverse biased RBSOA See Fig.6 ON CHARACTERISTICS (Note) DC Current Gain hFE1 IC=0.5A, VCE=5V 14 57 hFE2 IC=1A, VCE=5V 5 30 Collector-Emitter Saturation Voltage VCE(SAT) IC=0.5A, IB=0.1A 0.5 V IC=1A, IB=0.25A 1 IC=1.5A, IB=0.5A 3 IC=1A, IB=0.25A, TC=100°C 1 Base-Emitter Saturation Voltage VBE(SAT) IC=0.5A, IB=0.1A 1 V IC=1A, IB=0.25A 1.2 IC=1A, IB=0.25A, TC=100°C 1.1 DYNAMIC CHARACTERISTICS Current-Gain-Bandwidth Product fT IC=100mA, VCE=10V, f=1MHz 4 10 MHz Output Capacitance COB VCB=10V, IE=0, f=0.1MHz 21 pF SWITCHING CHARACTERISTICS Resistive Load (Table 1) Delay Time tD VCC=125V, IC=1A, B1=IB2=0.2A, tP=25μs, Duty Cycle≤1% 0.05 0.1 μs Rise Time tR 0.5 1 μs Storage Time tS 2 4 μs Fall Time tF 0.4 0.7 μs Inductive Load, Clamped (Table 1) Storage Time tSTG IC=1A, VCLAMP=300V, IB1=0.2A, VBE(OFF)=5VDC, TC=100°C 1.7 4 μs Crossover Time tC 0.29 0.75 μs Fall Time tF 0.15 μs Diode Forward Voltage VF IF=0.5A 1.5 V Note: Pulse Test: PW=300μs, Duty Cycle≤2% |