Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

32FLZ-SM1-R-TB Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce 32FLZ-SM1-R-TB
Description  Connectors for FFC and FPC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

32FLZ-SM1-R-TB Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  32FLZ-SM1-R-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers 32FLZ-SM1-R-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers 32FLZ-SM1-R-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers 32FLZ-SM1-R-TB Datasheet HTML 4Page - List of Unclassifed Manufacturers 32FLZ-SM1-R-TB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
495
FLZ CONNECTOR
Taping specifications ––––––––––––––––––––––––––––––––––––––––––––––––––––––
Feeding direction
(
+ .098
-.039
[13(.512)dia.]
W1
+2.5
- 1.0
)
2.0
± 0.5
(.079
± .020)
Feeding direction
Cover tape
Carrier tape
1.55
±0.05
(.061
±.002)dia.
4.0
±0.1
(.157
±.004)
2.0
±0.1
(.079
±.004)
12.0
±0.1
(.472
±.004)
Feeding direction
Cover tape
Carrier tape
4.0
±0.1
1.55
±0.05(.061± .002)dia.
(.157
±.004)
2.0
±0.1
(.079
±.004)
12.0
±0.1
(.472
±.004)
Feeding direction
Cover tape leader
Carrier tape
The end part
160(6.299)min.
Connector
mounting part
400(15.748)min.
Leader part
100(3.937)min.
Note:
1. Specifications conform to JIS C 0806. The tape width, connector recess
dimensions, etc. are determined by the number of circuits and external
shape of the connector to be loaded.
2. Specifications are subject to change without prior notice.
Circuits
Taping dimensions mm(in.)
FS
W
Reel dimen-
sions mm(in.)
W1
Q'ty /
reel
6 to 8
9 to 24
25 to 30
32 to 50
7.5(.295)
11.5(.453)
14.2(.559)
20.2(.795)
–
–
28.4(1.118)
40.4(1.591)
16.0( .630)
24.0( .945)
32.0(1.260)
44.0(1.732)
17.5( .689)
25.5(1.004)
33.5(1.319)
45.5(1.791)
2,000
2,000
2,000
2,000
(25 to 50 circuits)
(6 to 24 circuits)
Lead section dimensions of FFC and FPC –––––––––––––––––––––––––––––––––––––
Base layer
Conductor
[0.5(.020)x(Number of circuits +1)]
±0.05(.002)
Reinforcing layer
Cover layer
[0.5(.020)x(Number of
circuits -1)]
±0.03(.001)
0.35
±0.04
(.014
±.002)
0.5
±0.1
(.020
±.004)
0.5
±0.03
(.020
±.001)
(.012
±.001)
0.3
±0.03
0.5
±0.1
(.020
±.004)



Html Pages

1 2 3 4 5