Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

32FLZ-SM1-R-TB Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce 32FLZ-SM1-R-TB
Description  Connectors for FFC and FPC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

32FLZ-SM1-R-TB Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  32FLZ-SM1-R-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers 32FLZ-SM1-R-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers 32FLZ-SM1-R-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers 32FLZ-SM1-R-TB Datasheet HTML 4Page - List of Unclassifed Manufacturers 32FLZ-SM1-R-TB Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
493
FLZ CONNECTOR
Connector –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
4.6(.181)
[0.7
(.028)]
B
A
3.2(.126)
0.5(.020)
HJST
B
A
4.6(.181)
[0.7
(.028)]
3.2(.126)
0.5(.020)
Cir-
cuits
Model No.
Normal type
Reverse type
Dimensions mm(in.)
AB
Q'ty /
reel
Material and Finish
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
30
33
06FLZ-SM1-TB
07FLZ-SM1-TB
08FLZ-SM1-TB
09FLZ-SM1-TB
10FLZ-SM1-TB
11FLZ-SM1-TB
12FLZ-SM1-TB
13FLZ-SM1-TB
14FLZ-SM1-TB
15FLZ-SM1-TB
16FLZ-SM1-TB
17FLZ-SM1-TB
18FLZ-SM1-TB
19FLZ-SM1-TB
20FLZ-SM1-TB
21FLZ-SM1-TB
22FLZ-SM1-TB
23FLZ-SM1-TB
24FLZ-SM1-TB
25FLZ-SM1-TB
26FLZ-SM1-TB
27FLZ-SM1-TB
28FLZ-SM1-TB
30FLZ-SM1-TB
33FLZ-SM1-TB
06FLZ-RSM1-TB
07FLZ-RSM1-TB
08FLZ-RSM1-TB
09FLZ-RSM1-TB
10FLZ-RSM1-TB
11FLZ-RSM1-TB
12FLZ-RSM1-TB
13FLZ-RSM1-TB
14FLZ-RSM1-TB
15FLZ-RSM1-TB
16FLZ-RSM1-TB
17FLZ-RSM1-TB
18FLZ-RSM1-TB
19FLZ-RSM1-TB
20FLZ-RSM1-TB
21FLZ-RSM1-TB
22FLZ-RSM1-TB
23FLZ-RSM1-TB
24FLZ-RSM1-TB
25FLZ-RSM1-TB
26FLZ-RSM1-TB
27FLZ-RSM1-TB
28FLZ-RSM1-TB
30FLZ-RSM1-TB
–
2.5(.098)
3.0(.118)
3.5(.138)
4.0(.157)
4.5(.177)
5.0(.197)
5.5(.217)
6.0(.236)
6.5(.256)
7.0(.276)
7.5(.295)
8.0(.315)
8.5(.335)
9.0(.354)
9.5(.374)
10.0(.394)
10.5(.413)
11.0(.433)
11.5(.453)
12.0(.472)
12.5(.492)
13.0(.512)
13.5(.531)
14.5(.571)
16.0(.630)
8.9(.350)
9.4(.370)
9.9(.390)
10.4(.409)
10.9(.429)
11.4(.449)
11.9(.469)
12.4(.488)
12.9(.508)
13.4(.528)
13.9(.547)
14.4(.567)
14.9(.587)
15.4(.606)
15.9(.626)
16.4(.646)
16.9(.665)
17.4(.685)
17.9(.705)
18.4(.724)
18.9(.744)
19.4(.764)
19.9(.783)
20.9(.823)
22.4(.882)
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
Contact: Phosphor bronze, tin/lead-plated
Slider housing: Nylon 46, UL94V-0 (black)
Receptacle housing: Nylon 46, UL94V-0
( )FLZ-SM1-TB, gray
( )FLZ-RSM1-TB, natural
Solder tab: Phosphor bronze, tin/lead-plated
Normal type
Reverse type
Note: The products listed above are supplied on embossed tape.



Html Pages

1 2 3 4 5