| Moteur de recherche de fiches techniques de composants électroniques |
|
RG13 Fiches technique(PDF) 52 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RG13 Fiches technique(HTML) 52 Page - Renesas Technology Corp |
|
52 / 56 page ![]() RL78 Family Chapter 6 Software Resources and Processing Time EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 52 of 53 Mar. 28, 2014 Figure 6-3 Arrangement Example of Addresses FFE20H to FFEFFH (RL78/G13: product with 2-Kbyte RAM and 32-Kbyte ROM) 6. 2. 1 Sections Functions, constants, and variables to be used are allocated to specified sections in the EEL and FDL. The following table lists sections defined by the EEL and FDL. Table 6-5 Sections Used in the EEL/FDL Section name Description FDL_CODE FDL’s code section that contains FDL programs. FDL_SDAT FDL’s variable data section that contains variable data used in the FDL. Place this section in the short addressing RAM area. FDL_CNST FDL’s constant data section that contains constant data used in the FDL. EEL_CODE EEL’s code section that contains EEL programs. EEL_SDAT EEL’s variable data section that contains variable data used in the EEL. Place this section in the short addressing RAM area. EEL_CNST EEL’s constant data section that contains constant data used in the EEL. |