| Moteur de recherche de fiches techniques de composants électroniques |
|
RG13 Fiches technique(PDF) 37 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RG13 Fiches technique(HTML) 37 Page - Renesas Technology Corp |
|
37 / 56 page ![]() RL78 Family Chapter 5 User Interface EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 37 of 53 Mar. 28, 2014 FDL_Close [Function] FDL end processing Set the Data Flash Control Register (DFLCTL) to the state where access to the data flash memory is inhibited (DFLEN = 0). All ongoing EEL processing stop. [Format] <C language> void __far FDL_Close(void) <Assembler> CALL !FDL_Close or CALL !!FDL_Close Remark Call this function by using ! if placing the FDL at 00000H to 0FFFFH or by using !! if not. [Pre-conditions] The FDL_Init, FDL_Open, EEL_Init, EEL_Open, and EEL_Close functions must have finished normally. [Post-conditions] None [Cautions] None [Register status after calling this function] No registers are corrupted. [Arguments] None [Return values] None |