Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6235N Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce L6235N
Description  DMOS driver for 3-phase brushless DC motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6235N Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button L6235N Datasheet HTML 22Page - STMicroelectronics L6235N Datasheet HTML 23Page - STMicroelectronics L6235N Datasheet HTML 24Page - STMicroelectronics L6235N Datasheet HTML 25Page - STMicroelectronics L6235N Datasheet HTML 26Page - STMicroelectronics L6235N Datasheet HTML 27Page - STMicroelectronics L6235N Datasheet HTML 28Page - STMicroelectronics L6235N Datasheet HTML 29Page - STMicroelectronics L6235N Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Application information
L6235
26/35
DocID7618 Rev 2
Figure 23. Typical application
11.1
Output current capability and IC power dissipation
In Figure 24 is shown the approximate relation between the output current and the IC power
dissipation using PWM current control.
For a given output current the power dissipated by the IC can be easily evaluated, in order
to establish which package should be used and how large must be the on-board copper
dissipating area to guarantee a safe operating junction temperature (125 °C maximum).
Figure 24. IC power dissipation versus output power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35