| Moteur de recherche de fiches techniques de composants électroniques |
|
78D06AAL-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
78D06AAL-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 8 page ![]() UNISONIC TECHNOLOGIES CO., LTD 78DXXAA LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 8 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R101-043.B 3-TERMINALS 1.5A POSITIVE VOLTAGE REGULATOR DESCRIPTION The UTC 78DXXAA family is monolithic fixed voltage regulator integrated circuit. They are suitable for applications that required supply current up to 1.5 A. FEATURES * Peak output current up to 1.5A. * Fixed output voltage of 5V, 6V, 7V, 8V, 9V, 10V, 12V, 15V and 18V available. * Thermal overload shutdown protection. * Short circuit current limiting. * Output transistor SOA protection. ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 78DXXAAL-TN3-R 78DXXAAG-TN3-R TO-252 I G O Tape Reel 78DXXAAL-TN3-T 78DXXAAG-TN3-T TO-252 I G O Tube Note: Pin Code: I: Input G: GND O: Output |
Numéro de pièce similaire - 78D06AAL-TN3-R |
|
Description similaire - 78D06AAL-TN3-R |