| Moteur de recherche de fiches techniques de composants électroniques |
|
78D06AAL-TN3-R Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
78D06AAL-TN3-R Fiches technique(HTML) 3 Page - Unisonic Technologies |
|
3 / 8 page ![]() 78DXXAA LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 3 of 8 www.unisonic.com.tw QW-R101-043.B ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Input Voltage VIN 35 V Output Current IOUT 1.5 A Power Dissipation (TC=25°C) PD 10 W Junction Temperature TJ +150 °C Operating Temperature TOPR -40 ~ +85 °C Storage Temperature TSTG -55 ~ +150 °C Notes: 1. Absolute maximum ratings are stress ratings only and functional device operation is not implied. The device could be damaged beyond Absolute maximum ratings. 2. The maximum steady state usable output current are dependent on input voltage, heat sinking, lead length of the package and copper pattern of PCB. The data are showed as electrical characteristics table represents pulse test conditions with junction temperatures specified at the initiation of test. THERMAL DATA PARAMETER SYMBOL RATINGS UNIT Junction to Ambient θJA 112 °C/W Junction to Case θJC 12.5 °C/W ELECTRICAL CHARACTERISTICS (TJ=25C, CI =0.33uF, CO=0.1uF, PD≤15W, unless otherwise specified) For 78D05AA (VIN =10V, IOUT =0.5A) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Output Voltage VOUT IOUT =5mA~1.0A 4.80 5.0 5.20 V VIN =7.5~20V, IOUT =5mA~1.0A 4.75 5.25 V Load Regulation VOUT IOUT =5mA~1.5A 50 mV IOUT =0.25A~0.75A 25 mV Line Regulation VOUT VIN =7~25V 50 mV VIN =7.5~20V, IOUT =1.0A 50 mV Quiescent Current IQ IOUT≤1.0A 8.0 mA Quiescent Current Change IQ VIN =7.5~20V 1.0 mA IOUT =5mA~1.0A 0.5 mA Output Noise Voltage eN 10Hz≤f≤100kHz 40 μV Temperature coefficient of VOUT VOUT/TIOUT =5mA -0.6 mV/ C Ripple Rejection RR VIN =8~18V,f=120Hz 62 80 dB Peak Output Current IPEAK 1.8 A Short-Circuit Current ISC VIN =35V 250 mA Dropout Voltage VD 2.0 V |