| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L151x8 Fiches technique(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151x8 Fiches technique(HTML) 30 Page - STMicroelectronics |
|
30 / 134 page ![]() Pin description STM8L15xx8, STM8L15xR6 30/134 DocID17943 Rev 6 -- 29 PB5/SPI1_SCK/ LCD_SEG15(3)/ADC1_IN13 /DAC_OUT2/ [COMP1_INP] I/O FT(5) X XX HS X X Port B5 [SPI1 clock] / LCD segment 15 / ADC1_IN13 / DAC channel 2 output/ [Comparator 1 positive input] 45 37 - PB6/SPI1_MOSI/ LCD_SEG16(3)/ADC1_IN12 /[COMP1_INP] I/O FT(5) X XX HS X X Port B6 SPI1 master out/slave in/ LCD segment 16 / ADC1_IN12/ [Comparator 1 positive input] -- 30 PB6/SPI1_MOSI/ LCD_SEG16(3)/ADC1_IN12 /DAC_OUT2/[COMP1_INP] I/O FT(5) X XX HS X X Port B6 SPI1 master out/ slave in / LCD segment 16 / ADC1_IN12 / DAC channel 2 output/[Comparator 1 positive input] 46 38 31 PB7/SPI1_MISO/ LCD_SEG17(3)/ ADC1_IN11/[COMP1_INP] I/O FT(5) X XX HS X X Port B7 SPI1 master in- slave out/ LCD segment 17 / ADC1_IN11/[Comparator 1 positive input] 65 53 37 PC0/I2C1_SDA I/O FT(5) X XT(6) Port C0 I2C1 data 66 54 38 PC1/I2C1_SCL I/O FT(5) X XT(6) Port C1 I2C1 clock 69 57 41 PC2/USART1_RX/ LCD_SEG22/ADC1_IN6/ [COMP1_INP] /VREFINT I/O FT(5) X XX HS X X Port C2 USART1 receive / LCD segment 22 / ADC1_IN6/ [Comparator 1 positive input] /Internal reference voltage output -- 42 PC3/USART1_TX/ LCD_SEG23(3)/ ADC1_IN5 I/O FT(5) X XX HS X X Port C3 USART1 transmit / LCD segment 23 / ADC1_IN5 70 58 - PC3/USART1_TX/ LCD_SEG23(3)/ ADC1_IN5/ [COMP2_INM] / [COMP1_INP] I/O FT(5) X XX HS X X Port C3 USART1 transmit / LCD segment 23 / ADC1_IN5 / [Comparator 2 negative input] /[Comparator 1 input positive] Table 5. High density and medium+ density STM8L15x pin description (continued) Pin number Pin name Input Output Default alternate function |