| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L151x8 Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L151x8 Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 134 page ![]() DocID17943 Rev 6 25/134 STM8L15xx8, STM8L15xR6 Pin description 61 4 Pin description Figure 3. STM8L151M8 80-pin package pinout (without LCD) 1. Pin 22 is reserved and must be tied to VDD. 2. The above figure shows the package top view. Figure 4. STM8L152M8 80-pin package pinout (with LCD) 1. The above figure shows the package top view. |