| Moteur de recherche de fiches techniques de composants électroniques |
|
IXP42X Fiches technique(PDF) 56 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP42X Fiches technique(HTML) 56 Page - Intel Corporation |
|
56 / 112 page ![]() Intel® IXP42X Product Line and IXC1100 Control Plane Processor Package and Pinout Information 56 Datasheet U1 PCI_AD[8] V1 PCI_AD[5] W1 PCI_AD[1] Y1 N/C U2 VCCP V2 VSS W2 VCCP Y2 N/C U3 PCI_AD[0] V3 PCI_AD[3] W3 N/C Y3 N/C U4 PCI_AD[7] V4 VCC W4 VSS Y4 VCC U5 N/C V5 N/C W5 N/C Y5 VCCP U6 VCC V6 VSS W6 N/C Y6 ETH_TXEN0 U21 VCC V21 GPIO[6] W21 GPIO[1] Y21 RXDATA1 U22 GPIO[14] V22 GPIO[9] W22 VCCP Y22 GPIO[0] U23 EX_RDY_N[1] V23 VCC W23 GPIO[8] Y23 VCC U24 EX_RDY_N[2] V24 GPIO[13] W24 VSS Y24 GPIO[5] U25 GPIO[15] V25 VCCP W25 GPIO[11] Y25 VCCP U26 EX_DATA[15] V26 EX_RDY_N[3] W26 GPIO[12] Y26 GPIO[10] Table 21. Ball Map Assignment for the Intel® IXP422 Network Processor (Sheet 5 of 7) Ball Signal Ball Signal Ball Signal Ball Signal NOTE: Interfaces not being utilized at a system level require external pull-up or pull-down resistors. For specific details and requirements, see Section 3.0, “Functional Signal Descriptions” on page 30. |