Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXP42X Fiches technique(PDF) 3 Page - Intel Corporation

No de pièce IXP42X
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

IXP42X Fiches technique(HTML) 3 Page - Intel Corporation

  IXP42X Datasheet HTML 1Page - Intel Corporation IXP42X Datasheet HTML 2Page - Intel Corporation IXP42X Datasheet HTML 3Page - Intel Corporation IXP42X Datasheet HTML 4Page - Intel Corporation IXP42X Datasheet HTML 5Page - Intel Corporation IXP42X Datasheet HTML 6Page - Intel Corporation IXP42X Datasheet HTML 7Page - Intel Corporation IXP42X Datasheet HTML 8Page - Intel Corporation IXP42X Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 112 page
background image
Datasheet
3
Intel® IXP42X Product Line and IXC1100 Control Plane Processor
Contents
Contents
1.0
Product Features ...........................................................................................................................9
1.1
Product Line Features ..........................................................................................................9
1.2
Processor Features ............................................................................................................12
1.3
About this Document ..........................................................................................................12
2.0
Functional Overview ...................................................................................................................14
2.1
Functional Units ..................................................................................................................17
2.1.1
Network Processor Engines (NPEs) ......................................................................17
2.1.2
Internal Bus............................................................................................................18
2.1.2.1
North AHB..............................................................................................18
2.1.2.2
South AHB .............................................................................................19
2.1.2.3
APB Bus.................................................................................................19
2.1.3
MII Interfaces .........................................................................................................19
2.1.4
UTOPIA 2 ..............................................................................................................20
2.1.5
USB Interface ........................................................................................................20
2.1.6
PCI Controller ........................................................................................................20
2.1.7
SDRAM Controller .................................................................................................20
2.1.8
Expansion Bus.......................................................................................................21
2.1.9
High-Speed, Serial Interfaces ................................................................................21
2.1.10 High-Speed and Console UARTs ..........................................................................22
2.1.11 GPIO ......................................................................................................................22
2.1.12 Internal Bus Performance Monitoring Unit (IBPMU) ..............................................22
2.1.13 Interrupt Controller .................................................................................................22
2.1.14 Timers....................................................................................................................23
2.1.15 AHB Queue Manager ............................................................................................23
2.2
Intel XScale® Core..............................................................................................................23
2.2.1
Super Pipeline .......................................................................................................24
2.2.2
Branch Target Buffer (BTB) ...................................................................................25
2.2.3
Instruction Memory Management Unit (IMMU) ......................................................26
2.2.4
Data Memory Management Unit (DMMU) .............................................................26
2.2.5
Instruction Cache (I-Cache) ...................................................................................26
2.2.6
Data Cache (D-Cache) ..........................................................................................27
2.2.7
Mini-Data Cache ....................................................................................................27
2.2.8
Fill Buffer (FB) and Pend Buffer (PB).....................................................................28
2.2.9
Write Buffer (WB)...................................................................................................28
2.2.10 Multiply-Accumulate Coprocessor (CP0) ...............................................................28
2.2.11 Performance Monitoring Unit (PMU)......................................................................29
2.2.12 Debug Unit.............................................................................................................29
3.0
Functional Signal Descriptions..................................................................................................30
4.0
Package and Pinout Information................................................................................................42
4.1
Package Description...........................................................................................................42
4.2
Signal-Pin Descriptions.......................................................................................................45
4.3
Package Thermal Specifications ........................................................................................73
4.3.1
Commercial Temperature ......................................................................................73
4.3.2
Extended Temperature ..........................................................................................73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More