Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9524/PCBZ Fiches technique(PDF) 55 Page - Analog Devices

No de pièce AD9524/PCBZ
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9524/PCBZ Fiches technique(HTML) 55 Page - Analog Devices

Back Button AD9524/PCBZ Datasheet HTML 48Page - Analog Devices AD9524/PCBZ Datasheet HTML 49Page - Analog Devices AD9524/PCBZ Datasheet HTML 50Page - Analog Devices AD9524/PCBZ Datasheet HTML 51Page - Analog Devices AD9524/PCBZ Datasheet HTML 52Page - Analog Devices AD9524/PCBZ Datasheet HTML 53Page - Analog Devices AD9524/PCBZ Datasheet HTML 54Page - Analog Devices AD9524/PCBZ Datasheet HTML 55Page - Analog Devices AD9524/PCBZ Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
Data Sheet
AD9524
Rev. E | Page 55 of 56
Table 62. EEPROM Control 1
Address
Bits
Bit Name
Description
0xB02
[7:2]
Reserved
Reserved.
1
Soft_EEPROM
When the EEPROM_SEL pin is tied low, setting the Soft_EEPROM bit resets the AD9524 using
the settings saved in EEPROM.
1: soft reset with EEPROM settings (self-clearing).
0
Enable EEPROM write
Enables the user to write to the EEPROM.
0: EEPROM write protection is enabled. User cannot write to EEPROM (default).
1: EEPROM write protection is disabled. User can write to EEPROM.
Table 63. EEPROM Control 2
Address
Bits
Bit Name
Description
0xB03
[7:1]
Reserved
Reserved.
0
REG2EEPROM
Transfers data from the buffer register to the EEPROM (self-clearing).
1: setting this bit initiates the data transfer from the buffer register to the EEPROM (writing
process); it is reset by the I²C master after the data transfer is done.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56