Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9524/PCBZ Fiches technique(PDF) 33 Page - Analog Devices

No de pièce AD9524/PCBZ
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9524/PCBZ Fiches technique(HTML) 33 Page - Analog Devices

Back Button AD9524/PCBZ Datasheet HTML 29Page - Analog Devices AD9524/PCBZ Datasheet HTML 30Page - Analog Devices AD9524/PCBZ Datasheet HTML 31Page - Analog Devices AD9524/PCBZ Datasheet HTML 32Page - Analog Devices AD9524/PCBZ Datasheet HTML 33Page - Analog Devices AD9524/PCBZ Datasheet HTML 34Page - Analog Devices AD9524/PCBZ Datasheet HTML 35Page - Analog Devices AD9524/PCBZ Datasheet HTML 36Page - Analog Devices AD9524/PCBZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Data Sheet
AD9524
Rev. E | Page 33 of 56
CS
SCLK
SDIO
tHIGH
tLOW
tCLK
tS
tDS
tDH
tC
BIT N
BIT N + 1
Figure 44. Serial Control Port Timing—Write
Table 28. Serial Control Port Timing
Parameter
Description
tDS
Setup time between data and rising edge of SCLK
tDH
Hold time between data and rising edge of SCLK
tCLK
Period of the clock
tS
Setup time between the CS falling edge and SCLK rising edge (start of communication cycle)
tC
Setup time between the SCLK rising edge and CS rising edge (end of communication cycle)
tHIGH
Minimum period that SCLK should be in a logic high state
tLOW
Minimum period that SCLK should be in a logic low state
tDV
SCLK to valid SDIO and SDO (see Figure 42)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56