Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0174 Fiches technique(PDF) 9 Page - Tyco Electronics

No de pièce 0174
Description  SolderTacts Shielded One-Piece Solder Contacts
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

0174 Fiches technique(HTML) 9 Page - Tyco Electronics

  0174 Datasheet HTML 1Page - Tyco Electronics 0174 Datasheet HTML 2Page - Tyco Electronics 0174 Datasheet HTML 3Page - Tyco Electronics 0174 Datasheet HTML 4Page - Tyco Electronics 0174 Datasheet HTML 5Page - Tyco Electronics 0174 Datasheet HTML 6Page - Tyco Electronics 0174 Datasheet HTML 7Page - Tyco Electronics 0174 Datasheet HTML 8Page - Tyco Electronics 0174 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Shielded Contacts
8-75
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
8
SolderTacts Shielded One-Piece Solder Contacts (Continued)
Raychem SolderTacts
Size
Polarity
Reference
D-600-0071
—
For shielded twisted pair
D-600-0116
For size 8 DOD-C-83527 series
—
D-600-0125
For size 8 MIL-C-38999 series, for twisted pair
—
Performance
The performance of
SolderTacts contacts is
defined by the applicable
Raychem specification con-
trol drawing (SCD) and
Raychem Specification
D-6002. Products on quali-
fied product lists meet the
requirements of the base
specification.
Termination
Termination of SolderTacts
contacts is defined in the
appropriate Raychem
Engineering Standard.
To obtain a copy, contact
Tyco Electronics.
SolderTacts Series:
Grommets



Html Pages

1 2 3 4 5 6 7 8 9