| Moteur de recherche de fiches techniques de composants électroniques |
|
0174 Fiches technique(PDF) 7 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
0174 Fiches technique(HTML) 7 Page - Tyco Electronics |
|
7 / 9 page ![]() Shielded Contacts 8-73 Catalog 1654025 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 12-04 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Japan: 81-44-900-5102 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Singapore: 65-4866-151 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-1793-528171 8 SolderTacts Shielded One-Piece Solder Contacts (Continued) Cable Diameter SolderTacts Size Polarity Cable Type JOD SOD DOD COD (AWG) D-602-0278 16 P Coaxial 1.52–2.92 1.85–2.18 .64–1.91 .23–.74 24–32 [.060-.115] [.073-.086] [.025-.075] [.009-.029] D-602-0279 16 S Coaxial 1.52–2.92 1.85–2.18 .64–1.91 .23–.74 24–32 [.060-.115] [.073-.086] [.025-.075] [.009-.029] D-602-0288 16 P Twisted pair — — .74–1.40 .23–.74 24–32 [.029-.055] [.009-.029] D-602-0289 16 S Twisted pair — — .74–1.40 .23–.74 24–32 [.029-.055] [.009-.029] *These SolderTacts contacts belong to the Raychem “Subminiature” series of contacts, which are designed for use in commercial connectors. Tooling Selection Guide Engineering Convection Contact Contact SolderTacts Part Numbers Standard (hot air) Heating Removal Series (D-602-) (Termination AT-1319 Repair Insertion Tool Instructions) Adapter Wand Tool Submin 0278/0279 ES61170 AT-1319-12 AD-1481 * AD-1447 — 0288/0289 ES61414 — — — — *Not applicable. Note: AA-400 SuperHeater Compressed Air Heating Tool shown on page 10-2 can be used for installation. Another option is the Steinel® General Purpose Hot-Air Heating Tool shown on page 10-13. SolderTacts Product Construction, Submin Series Jacket (JOD) Shield (SOD) Dielectric (DOD) Conductor (COD) SolderTacts Series: Subminiature* Raychem Cable Diameter |