| Moteur de recherche de fiches techniques de composants électroniques |
|
600R160-R1 Fiches technique(PDF) 1 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
600R160-R1 Fiches technique(HTML) 1 Page - Littelfuse |
|
1 / 6 page ![]() 107 Revised: July 12, 2010 POLYFUSE® Resettable PTCs © 2010 Littelfuse, Inc 600R Series Radial Leaded > 600R Series Specifications are subject to change without notice. Please refer to www.littelfuse.com/series/600R.html for current information. fault events typically found in telecom applications. This series is designed to be used in applications that need to meet the requirements of GR–1089-CORE and UL60950/ EN60950/IEC60950. These resettable devices also help to meet the requirements of ITU K.20, K.21 and K.44. Electrical Characteristics Part Number I hold (A) I trip (A) V max V int / Vop I max (A) P d typ. (W) Maximum Time To Trip Resistance Agency Approvals Current (A) Time (Sec.) R min (Ω) R typ (Ω) R 1max (Ω) 600R150 0.15 0.30 600/60 3 1.00 1 4.0 6 10 17 XX 600R150-RA 0.15 0.30 600/60 3 1.00 1 4 . 0 7 10 20 XX 600R150-RB 0.15 0.30 600/60 3 1.00 1 3.0 9 12 22 XX 600R160 0.16 0.32 600/60 3 1.00 1 10 4 10 18 XX 600R160-RA 0.16 0.32 600/60 3 1.00 1 9.5 4 7 16 XX 600R160-R1 0.16 0.32 600/60 3 1.00 1 9.0 4 8 17 XX Description Features Applications range, 60VDC operating voltage resistance ranges available Free and Halogen-Free* Secondary overcurrent protection for: Equipment (CO) Equipment (CE) Circuit (SLIC) 600R Series Agency Approvals AGENCY AGENCY FILE NUMBER E183209 R50120008 I hold = Hold current: maximum current device will pass without tripping in 23°C still air. I trip = Trip current: minimum current at which the device will trip in 23°C still air. V int = Maximum voltage the device can withstand without damage at rated current (I max) V op= The device regular operation voltage I max = Maximum fault current device can withstand without damage at rated voltage (Vmax) P d = Power dissipated from device when in the tripped state at 23°C still air. R min = Minimum resistance of device in initial (un-soldered) state. R typ = Typical resistance of device in initial (un-soldered) state. R 1max = Maximum resistance of device at 20°C measured one hour after tripping. Caution: Operation beyond the specified rating may result in damage and possible arcing and flame. * * Effective February 11, 2010 onward, all 600R PTC products will be manufactured Halogen Free (HF). Existing Non-Halogen Free 600R PTC products may continue to be sold, until supplies are depleted. This change will have no effect on 600R product specifications or performance. |
Numéro de pièce similaire - 600R160-R1 |
|
Description similaire - 600R160-R1 |