Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

600R160-R1 Fiches technique(PDF) 2 Page - Littelfuse

No de pièce 600R160-R1
Description  POLYFUSE Resettable PTCs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

600R160-R1 Fiches technique(HTML) 2 Page - Littelfuse

  600R160-R1 Datasheet HTML 1Page - Littelfuse 600R160-R1 Datasheet HTML 2Page - Littelfuse 600R160-R1 Datasheet HTML 3Page - Littelfuse 600R160-R1 Datasheet HTML 4Page - Littelfuse 600R160-R1 Datasheet HTML 5Page - Littelfuse 600R160-R1 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
108
Revised: July 12, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc.
600R Series
Radial Leaded > 600R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/600R.html for current information.
Temperature Rerating Curve
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
Average Time Current Curves
Part Number
Lightning
Power Cross
600R150
600R160
TIA-968-A – 1.5kV 10/160μs
800V 10/560μs
Telcordia GR 1089 – 1.0kV 10/1000μs
2.5kV 2/10μs
UL60950, 3rd Ed – 600Vac, 40A
Telcordia GR – 1089 – 600Vac, 60A
Devices should be independently evaluated and tested for use in any specific application
Agency Specification Selection Guide For Telecom and Networking Applications
The average time current curves and Temperature Rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
60°C
85°C
Part Number
Hold Current (A)
600R150
0.26
0.23
0.19
0.15
0.124
0.062
0.03
600R160
0.27
0.24
0.20
0.16
0.13
0.07
0.05
Temperature Rerating
0.1
1
10
100
Current in Amperes
10
1
0.1
10000
1000
100
100000
600R



Html Pages

1 2 3 4 5 6