| Moteur de recherche de fiches techniques de composants électroniques |
|
S29GL01GS Fiches technique(PDF) 98 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL01GS Fiches technique(HTML) 98 Page - SPANSION |
|
98 / 106 page ![]() 98 GL-S MirrorBit® Family S29GL_128S_01GS_00_08 October 9, 2013 Da ta Sh e e t 13. Ordering Information Valid Combinations Table 13.1 lists configurations planned to be available in volume. The table will be updated as new combinations are released. Consult your local sales representative to confirm availability of specific combinations and to check on newly released combinations. Table 13.1 S29GL-S Valid Combinations (Sheet 1 of 2) S29GL-S Valid Combinations Base OPN Speed (ns) Package and Temperature Model Number Packing Type Ordering Part Number (yy = Model Number, x = Packing Type) S29GL01GS 100 DHI, FHI, TFI (Note 1) 01, 02 0, 3 (Note 2) S29GL01GS10DHIyyx S29GL01GS10FHIyyx S29GL01GS10TFIyyx 110 DHV, TFV (Note 1) 01, 02 S29GL01GS11DHVyyx S29GL01GS11TFVyyx DHI, FHI, TFI (Note 1) V1, V2 S29GL01GS11DHIyyx S29GL01GS11FHIyyx S29GL01GS11TFIyyx 120 DHV, TFV (Note 1) V1, V2 S29GL01GS12DHVyyxx S29GL01GS12TFVyyxx S29GL512S 100 DHI, FHI, GHI, TFI (Note 1) 01, 02 0, 3 (Note 2) S29GL512S10DHIyyx S29GL512S10FHIyyx S29GL512S10GHIyyx S29GL512S10TFIyyx 110 DHV, TFV (Note 1) 01, 02 S29GL512S11DHVyyx S29GL512S11TFVyyx DHI, FHI, TFI (Note 1) V1, V2 S29GL512S11DHIyyx S29GL512S11FHIyyx S29GL512S11TFIyyx 120 DHV, TFV (Note 1) V1, V2 S29GL512S12DHVyyxx S29GL512S12TFVyyxx S29GL256S 90 DHI, FHI, GHI, TFI (Note 1) 01, 02 0, 3 (Note 2) S29GL256S90DHIyyx S29GL256S90FHIyyx S29GL256S90GHIyyx S29GL256S90TFIyyx 100 DHV, TFV (Note 1) 01, 02 S29GL256S10DHVyyx S29GL256S10TFVyyx DHI, FHI, TFI (Note 1) V1, V2 S29GL256S10DHIyyx S29GL256S10FHIyyx S29GL256S10TFIyyx 110 DHV, TFV (Note 1) V1, V2 S29GL256S11DHVyyxx S29GL256S11TFVyyxx |