| Moteur de recherche de fiches techniques de composants électroniques |
|
S29GL01GS Fiches technique(PDF) 51 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL01GS Fiches technique(HTML) 51 Page - SPANSION |
|
51 / 106 page ![]() October 9, 2013 S29GL_128S_01GS_00_08 GL-S MirrorBit® Family 51 Data She e t Notes: 1. State will automatically move to READ state at the completion of the operation. 2. Also known as Erase Suspend/Program Suspend Legacy Method. Notes: 1. State will automatically move to PS state by tPSL. 2. Also known as Erase Resume/Program Resume Legacy Method. Table 5.14 Program State Command Transition Current State Command and Condition Read Software Reset / ASO Exit Status Register Read Enter Status Register Clear Unlock 1 Program Buffer to flash (confirm) Erase Suspend Enhanced Method (2) Program Suspend Enhanced Method Write Data Address RA xh x555h x555h x555h (SA)xh xh xh xh Data RD xF0h x70h x71h xAAh x29h xB0h x51h xh WB WC > 256 or SA ≠ SA WB --- --- - PG WC ≤ 256 and SA = SA WB_D WB_D Write Buffer ≠ Write Buffer WB_D --- --- - PG WC = 0 PBF WC > 0 and Write Buffer = Write Buffer WB_D PBF - - - - - - PG - - PG PG1 - PG1 --- --- - PG PG (1) SR(7) = 0 PG - PGSR (PG) -- - PSR (PG) PSR (PG) PG SR(7) = 1 READ READ WBUL1 - - SR(7) = 1 and SR(1) = 0 Table 5.15 Program Unlock State Command Transition Current State Command and Condition Read Software Reset / ASO Exit Status Register Read Enter Unlock 2 NOT a valid “Write-to-Buffer-Abort Reset” Command Address RA xh x555h x2AAh NOT x555h xh NOT x2AAh xh Data RD xF0h x70h x55h xh NOT xF0h xh NOT x55h WBUL1 - WBUL1 - - WBUL2 - - -- SR(3) = 1 PG PG DQ(1) = 1 WBUL2 - WBUL2 READ - - -- -- SR(3) = 1 PG PG DQ(1) = 1 PGSR - (return) ------- Table 5.16 Program Suspend State Command Transition Current State Command and Condition Read Status Register Read Enter Status Register Clear Erase Resume Enhanced Method (2) Program Resume Enhanced Method Address RA x555h x555h xh xh Data RD x70h x71h x30h x50h PSR (1) - PSR PGSR (PSR) - - - PS - PS PSSR (PS) PS PG PG PSSR - (return) - - - - |