Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1418JS11 Fiches technique(PDF) 2 Page - Hammond Manufacturing Ltd.

No de pièce 1418JS11
Description  Armoire murale en acier doux de type 12
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMMOND [Hammond Manufacturing Ltd.]
Site Internet  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1418JS11 Fiches technique(HTML) 2 Page - Hammond Manufacturing Ltd.

  1418JS11 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1418JS11 Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1418JS11 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
When A =
M=
30.00
7.00
36.00
9.00
42.00
9.88
48.00
11.38
Panel Dimensions
Centers
Ship Wt.
Part No.
A
B
C
D
E
F
G
H
J
(lbs)
1418JB7
16.00
12.00
7.00
13.00
9.00
9.50
17.25
0.88
0.50
30
1418JC7
20.00
16.00
7.00
17.00
13.00
10.00
21.25
0.88
0.88
38



Html Pages

1 2 3