Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6717TR Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce L6717TR
Description  High-efficiency hybrid AM2r2 controller with I2C interface and embedded drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6717TR Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button L6717TR Datasheet HTML 16Page - STMicroelectronics L6717TR Datasheet HTML 17Page - STMicroelectronics L6717TR Datasheet HTML 18Page - STMicroelectronics L6717TR Datasheet HTML 19Page - STMicroelectronics L6717TR Datasheet HTML 20Page - STMicroelectronics L6717TR Datasheet HTML 21Page - STMicroelectronics L6717TR Datasheet HTML 22Page - STMicroelectronics L6717TR Datasheet HTML 23Page - STMicroelectronics L6717TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Hybrid CPU support and CPU_TYPE detection
L6717
20/56
Doc ID 17326 Rev 1
Table 6.
Voltage Identifications (VID) codes for PVI mode
VID5
VID4
VID3
VID2
VID1
VID0
Output
voltage
VID5
VID4
VID3
VID2
VID1
VID0
Output
voltage
0
00000
1.5500
100000
0.7625
0
00001
1.5250
100001
0.7500
0
00010
1.5000
100010
0.7375
0
00011
1.4750
100011
0.7250
0
00100
1.4500
100100
0.7125
0
00101
1.4250
100101
0.7000
0
00110
1.4000
100110
0.6875
0
00111
1.3750
100111
0.6750
0
01000
1.3500
101000
0.6625
0
01001
1.3250
101001
0.6500
0
01010
1.3000
101010
0.6375
0
01011
1.2750
101011
0.6250
0
01100
1.2500
101100
0.6125
0
01101
1.2250
101101
0.6000
0
01110
1.2000
101110
0.5875
0
01111
1.1750
101111
0.5750
0
10000
1.1500
110000
0.5625
0
10001
1.1250
110001
0.5500
0
10010
1.1000
110010
0.5375
0
10011
1.0750
110011
0.5250
0
10100
1.0500
110100
0.5125
0
10101
1.0250
110101
0.5000
0
10110
1.0000
110110
0.4875
0
10111
0.9750
110111
0.4750
0
11000
0.9500
111000
0.4625
0
11001
0.9250
111001
0.4500
0
11010
0.9000
111010
0.4375
0
11011
0.8750
111011
0.4250
0
11100
0.8500
111100
0.4125
0
11101
0.8250
111101
0.4000
0
11110
0.8000
111110
0.3875
0
11111
0.7750
111111
0.3750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56