| Moteur de recherche de fiches techniques de composants électroniques |
|
L6717TR Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6717TR Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 56 page ![]() L6717 Electrical specifications Doc ID 17326 Rev 1 17/56 VOC_TOT CORE OC 2.425 2.500 2.575 V kIILIM ILIM = 0μA0 4 μA ILIM = 100μA100 μA 1. Parameter(s) guaranteed by designed, not fully tested in production Table 5. Electrical characteristics (continued) Symbol Parameter Test conditions Min. Typ. Max. Unit |