Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VRMS=40V Fiches technique(PDF) 23 Page - EPCOS

No de pièce VRMS=40V
Description  SIOV metal oxide varistors Leaded varistors, StandarD series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

VRMS=40V Fiches technique(HTML) 23 Page - EPCOS

Back Button VRMS=40V Datasheet HTML 19Page - EPCOS VRMS=40V Datasheet HTML 20Page - EPCOS VRMS=40V Datasheet HTML 21Page - EPCOS VRMS=40V Datasheet HTML 22Page - EPCOS VRMS=40V Datasheet HTML 23Page - EPCOS VRMS=40V Datasheet HTML 24Page - EPCOS VRMS=40V Datasheet HTML 25Page - EPCOS VRMS=40V Datasheet HTML 26Page - EPCOS VRMS=40V Datasheet HTML 27Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
v/i characteristics
v = f (i) - for explanation of the characteristics refer to "General technical information", 1.6.3
A = Leakage current, B = Protection level } for worst-case varistor tolerances
SIOV-S07 ...
Leaded varistors
B722*
StandarD series
Page 23 of 46
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46