Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSM2356 Fiches technique(PDF) 15 Page - Analog Devices

No de pièce SSM2356
Description  2 x 2W Filterless Class-D Stereo Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

SSM2356 Fiches technique(HTML) 15 Page - Analog Devices

Back Button SSM2356 Datasheet HTML 8Page - Analog Devices SSM2356 Datasheet HTML 9Page - Analog Devices SSM2356 Datasheet HTML 10Page - Analog Devices SSM2356 Datasheet HTML 11Page - Analog Devices SSM2356 Datasheet HTML 12Page - Analog Devices SSM2356 Datasheet HTML 13Page - Analog Devices SSM2356 Datasheet HTML 14Page - Analog Devices SSM2356 Datasheet HTML 15Page - Analog Devices SSM2356 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
SSM2356
Rev. A | Page 15 of 16
OUTLINE DIMENSIONS
A
B
C
D
0.660
0.600
0.540
SIDE VIEW
0.230
0.200
0.170
0.290
0.260
0.230
COPLANARITY
0.07
SEATING
PLANE
1
2
3
4
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
BALL A1
IDENTIFIER
0.40
BSC
1.20
REF
1.700
1.660 SQ
1.620
0.430
0.400
0.370
Figure 4. 16-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-16-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
SSM2356CBZ-RL
−40°C to +85°C
16-Ball Wafer Level Chip Scale Package [WLCSP]
CB-16-4
Y1R
SSM2356CBZ-RL7
−40°C to +85°C
16-Ball Wafer Level Chip Scale Package [WLCSP]
CB-16-4
Y1R
EVAL-SSM2356Z
Evaluation Board
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com