| Moteur de recherche de fiches techniques de composants électroniques |
|
AT45DB080-RI Fiches technique(PDF) 17 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB080-RI Fiches technique(HTML) 17 Page - ATMEL Corporation |
|
17 / 18 page ![]() AT45DB080 17 Ordering Information fSCK (MHz) ICC (mA) Ordering Code Package Operation Range Active Standby 2 10 0.01 AT45DB080-RC AT45DB080-TC 28R 32T Commercial (0 °C to 70°C) 2 10 0.01 AT45DB080-RI AT45DB080-TI 28R 32T Industrial (-40 °C to 85°C) Package Type 28R 28-Lead, 0.330" Wide, Plastic Gull-Wing Small Outline Package (SOIC) 32T 32-Lead, Plastic Thin Small Outline Package (TSOP) |