Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT45DB080-RI Fiches technique(PDF) 15 Page - ATMEL Corporation

No de pièce AT45DB080-RI
Description  8-Megabit 2.7-volt Only Sequential Access Parallel I/O DataFlash
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB080-RI Fiches technique(HTML) 15 Page - ATMEL Corporation

Back Button AT45DB080-RI Datasheet HTML 10Page - ATMEL Corporation AT45DB080-RI Datasheet HTML 11Page - ATMEL Corporation AT45DB080-RI Datasheet HTML 12Page - ATMEL Corporation AT45DB080-RI Datasheet HTML 13Page - ATMEL Corporation AT45DB080-RI Datasheet HTML 14Page - ATMEL Corporation AT45DB080-RI Datasheet HTML 15Page - ATMEL Corporation AT45DB080-RI Datasheet HTML 16Page - ATMEL Corporation AT45DB080-RI Datasheet HTML 17Page - ATMEL Corporation AT45DB080-RI Datasheet HTML 18Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
AT45DB080
15
Figure 1. Algorithm for Programming or Reprogramming of the Entire Array Sequentially
Notes:
1.
This type of algorithm is used for applications in which the entire array is programmed sequentially, filling the array page-by-
page.
2.
A page can be written using either a Main Memory Page Program operation or a Buffer Write operation followed by a Buffer
to Main Memory Page Program operation.
3.
The algorithm above shows the programming of a single page. The algorithm will be repeated sequentially for each page
within the entire array.
START
MAIN MEMORY PAGE PROGRAM
(82H, 85H)
END
provide address
and data
BUFFER WRITE
(84H, 87H)
BUFFER to MAIN
MEMORY PAGE PROGRAM
(83H, 86H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18