| Moteur de recherche de fiches techniques de composants électroniques |
|
TMD2772 Fiches technique(PDF) 32 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TMD2772 Fiches technique(HTML) 32 Page - ams AG |
|
32 / 35 page ![]() TMD2772 DIGITAL ALS and PROXIMITY MODULE TAOS147 E − DECEMBER 2012 31 The LUMENOLOGY r Company r r Copyright E 2012, TAOS Inc. www.taosinc.com SOLDERING INFORMATION The module has been tested and has demonstrated an ability to be reflow soldered to a PCB substrate. The solder reflow profile describes the expected maximum heat exposure of components during the solder reflow process of product on a PCB. Temperature is measured on top of component. The components should be limited to a maximum of three passes through this solder reflow profile. Table 21. Solder Reflow Profile PARAMETER REFERENCE DEVICE Average temperature gradient in preheating 2.5 °C/sec Soak time tsoak 2 to 3 minutes Time above 217 °C (T1) t1 Max 60 sec Time above 230 °C (T2) t2 Max 50 sec Time above Tpeak −10°C (T3) t3 Max 10 sec Peak temperature in reflow Tpeak 260 °C Temperature gradient in cooling Max −5 °C/sec t3 t2 t1 tsoak T3 T2 T1 Tpeak Not to scale — for reference only Time (sec) Figure 18. Solder Reflow Profile Graph |