Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8650B Fiches technique(PDF) 46 Page - ams AG

No de pièce AS8650B
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8650B Fiches technique(HTML) 46 Page - ams AG

Back Button AS8650B Datasheet HTML 39Page - ams AG AS8650B Datasheet HTML 40Page - ams AG AS8650B Datasheet HTML 41Page - ams AG AS8650B Datasheet HTML 42Page - ams AG AS8650B Datasheet HTML 43Page - ams AG AS8650B Datasheet HTML 44Page - ams AG AS8650B Datasheet HTML 45Page - ams AG AS8650B Datasheet HTML 46Page - ams AG AS8650B Datasheet HTML 47Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 46 / 47 page
background image
www.ams.com/AS8650
Revision 1.1
45 - 46
AS8650B
Datasheet - Orderin g Info r m ation
10 Ordering Information
The devices are available as the standard products shown in Table 22.
Note:
All products are RoHS compliant and ams green.
Buy our products or get free samples online at www.ams.com/ICdirect
Technical Support is available at www.ams.com/Technical-Support
For further information and requests, email us at sales@ams.com
(or) find your local distributor at www.ams.com/distributor
Table 22. Ordering Information
1
1. The AS8650B provides various configuration options during production. For more information, please contact our sales office.
Ordering Code
Marking
Description
Delivery Form
Package
AS8650B-ZQFP-01
AS8650B
AS8650B Power Management device with
high-speed CAN Interface
(standard configuration)
Tape & Reel in Dry Pack
(1 reel = 4000 units)
36-pin QFN
(6x6x0.9)
AS8650B-ZQFM-01
AS8650B
Tape & Reel in Dry Pack
(1 reel = 1000 units)
36-pin QFN
(6x6x0.9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47