Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8650B Fiches technique(PDF) 35 Page - ams AG

No de pièce AS8650B
Description  High-efficient Power Management Device with High-speed CAN Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8650B Fiches technique(HTML) 35 Page - ams AG

Back Button AS8650B Datasheet HTML 31Page - ams AG AS8650B Datasheet HTML 32Page - ams AG AS8650B Datasheet HTML 33Page - ams AG AS8650B Datasheet HTML 34Page - ams AG AS8650B Datasheet HTML 35Page - ams AG AS8650B Datasheet HTML 36Page - ams AG AS8650B Datasheet HTML 37Page - ams AG AS8650B Datasheet HTML 38Page - ams AG AS8650B Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
www.ams.com/AS8650
Revision 1.1
34 - 46
AS8650B
Datasheet - Application In form atio n
8.1.3 SPI Timing Diagram
Figure 20. Timing Diagram for SPI Write Operation
Figure 21. Timing Diagram for SPI Read Operation
CS
SDI
SDO
SCLK
...
...
...
CLK
polarity
DATAI
DATAI
DATAI
...
tSCLKL
tSCLKH
tCPHD
tCPS
tDIS
tDIH
tCSH
CS
SCLK
SDI
SDO
DATAI
DATAI
DATAO (D7 N )DATAO (D0 0)
tSCLKL
tSCLKH
tDOD
tDOHZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47