Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8530 Fiches technique(PDF) 4 Page - ams AG

No de pièce AS8530
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8530 Fiches technique(HTML) 4 Page - ams AG

  AS8530_07 Datasheet HTML 1Page - ams AG AS8530_07 Datasheet HTML 2Page - ams AG AS8530_07 Datasheet HTML 3Page - ams AG AS8530_07 Datasheet HTML 4Page - ams AG AS8530_07 Datasheet HTML 5Page - ams AG AS8530_07 Datasheet HTML 6Page - ams AG AS8530_07 Datasheet HTML 7Page - ams AG AS8530_07 Datasheet HTML 8Page - ams AG AS8530_07 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
3 - 32
AS8530
Datasheet - Contents
8.4 LIN BUS Transceiver.......................................................................................................................................................................... 19
8.4.1 Transmit Mode........................................................................................................................................................................... 19
8.4.2 Receive Mode............................................................................................................................................................................ 20
8.5 RX and TX Interface........................................................................................................................................................................... 20
8.6 MODE Input EN.................................................................................................................................................................................. 21
8.7 Serial Port Interface............................................................................................................................................................................ 23
8.7.1 Device Configuration using 2-Wire Serial Port .......................................................................................................................... 23
8.8 Control and Diagnosis Registers ........................................................................................................................................................ 26
8.8.1 Definition of Control and Status Registers................................................................................................................................. 26
9 Package Drawings and Markings ...........................................................................................................................................
28
10 Ordering Information.............................................................................................................................................................
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33